Part Number Hot Search : 
2000W GI1PB ZPS02 P75NF AN6357N MAX1030 76139S RT8238B
Product Description
Full Text Search
 

To Download PM43-100M-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.5 (.059) 4.5 0.3 (.177 .012) max. max. max. typ. 4.5 (.177) 4.0 0.3 (.157 .012) 3.2 0.3 (.126 .012) 1.5 (.059) 1.8 (.071) 1.8 (.071) features formerly model available in e12 series low pro le of only 3.2 mm low inductance values rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communication equipment ? camcorders ? lcd tvs ? car radios pm43 series - smd power inductor *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. general speci cations test voltage .......................................1 v re ow soldering .. 230 ?, 50 sec. max. operating temperature ................................-40 ? to +125 ? (temperature rise included) storage temperature ................................-40 ? to +125 ? resistance to soldering heat ................................. 260 ? for 5 sec. materials core ...................................... ferrite dr wire ............ enameled copper wire 130 terminal ....................................ag/ni/sn rated current ...................ind. drop 10 % typ. at isat temperature rise ................. 40 ? max. at rated irms packaging .................. 1500 pcs. per reel *rohs compliant dimensions: mm (inches) product dimensions electrical speci cations recommended layout inductance 1 khz test srf i rms i sat q frequency min. rdc max. typ. bourns part no. (?) tol. % ref. (mhz) (mhz) ( ) (a) (a) pm43-1r0m-rc 1.0 ?20 28 7.96 150 0.033 3.80 5.50 pm43-1r4m-rc 1.4 ?20 28 7.96 110 0.038 3.30 5.10 pm43-1r8m-rc 1.8 ?20 28 7.96 90 0.042 2.91 4.40 pm43-2r2m-rc 2.2 ?20 28 7.96 80 0.047 2.60 3.90 pm43-2r7m-rc 2.7 ?20 28 7.96 75 0.052 2.43 3.50 pm43-3r3m-rc 3.3 ?20 28 7.96 65 0.058 2.15 3.00 pm43-3r9m-rc 3.9 ?20 28 7.96 55 0.076 1.98 2.70 pm43-4r7m-rc 4.7 ?20 28 7.96 50 0.094 1.70 2.60 pm43-5r6m-rc 5.6 ?20 28 7.96 45 0.10 1.60 2.40 pm43-6r8m-rc 6.8 ?20 28 7.96 40 0.12 1.41 2.10 pm43-8r2m-rc 8.2 ?20 28 7.96 36 0.13 1.26 1.90 PM43-100M-RC 10 ?20 28 2.52 33 0.18 1.15 1.70 pm43-120m-rc 12 ?20 28 2.52 30 0.21 1.05 1.60 pm43-150m-rc 15 ?20 28 2.52 28 0.24 0.92 1.40 pm43-180m-rc 18 ?20 25 2.52 23 0.34 0.84 1.30 pm43-220m-rc 22 ?20 25 2.52 20 0.38 0.76 1.20 pm43-270k-rc 27 ?10 23 2.52 17 0.52 0.71 1.00 pm43-330k-rc 33 ?10 23 2.52 15 0.54 0.64 0.99 pm43-390k-rc 39 ?10 20 2.52 14 0.59 0.59 0.92 pm43-470k-rc 47 ?10 20 2.52 13 0.84 0.54 0.78 pm43-560k-rc 56 ?10 20 2.52 12 0.94 0.50 0.74 pm43-680k-rc 68 ?10 20 2.52 11 1.12 0.46 0.68 typical part marking electrical schematic 100
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. pm43 series - smd power inductor packaging speci cations rev. 05/09 end start user direction of feed 160 (6.299) no component no component components 3.4 (.134) 3200 (125.984) 400 (15.748) 4.0 (.157) 8.0 (.315) 12 (.472) 1.5 (.059) dia. 100 100 100 100 14.0 (.551) 18.4 (.724) 2.0 0.5 (.079 .020) 50.0 (1.969) 330.0 (12.992) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. qty: 1500 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of PM43-100M-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X